PART |
Description |
Maker |
74ABT162244 74ABT162244DGG 74ABT162244DL 74ABTH162 |
16-bit buffer/line driver with 30ohm series termination resistors 3-State 16-bit buffer/line driver with 30W series termination resistors (3-State) Terminate the electric resistance with a series of 16 the buffer of a littles/ line driver(3- state) 16-Bit Buffer/Line DriverWith 30Ω Series Termination Resistors(3-State)(16位缓冲器/线驱动器(三态)) Octal bus transceivers 20-SOIC 0 to 70 16-bit buffer/line driver with 30 Ohm series termination resistors (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
ASM4SSTVF32852 ASM4SSTVF32852-114BT ASM4ISSTVF3285 |
DDR 24-Bit to 48-Bit Registered Buffer SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PBGA114 Specialty Clock Management 2.3 V -2.7 V, DDR 24-bit to 48-bit registered buffer
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation]
|
74ABT827 74ABT827D 74ABT827DB 74ABT827N 74ABT827PW |
10-bit buffer/line driver, non-inverting 3-State ABT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24 10-bit buffer/line driver/ non-inverting 3-State From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ABT162240 74ABT162240DGG 74ABT162240DL BT162240D |
16-bit inverting buffer/driver with 30ohm series termination resistors ABT SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-Bit Inverting Buffer/Driver With 30Ω Series Termination Resistors(0Ω系列电阻6位反相缓冲器/驱动 Octal bus transceivers 20-SOIC 0 to 70
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BS62LV8005 BS62LV8005BC BS62LV8005BI BS62LV8005EC |
DDR-II, 25-Bit 1:1 or 14-Bit 1:2 Configurable Registered Buffer Very Low Power/Voltage CMOS SRAM 1M X 8 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
GS8161E32D-166 GS8161E32D-166I GS8161E3T-200 GS816 |
14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TVSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×18512k×32512k×36 18M位同步突发静态存储器 20-Bit SSTL_3 Interface Buffer With 3-State Outputs 64-TSSOP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer With Address-Parity Test 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs 1M×1812k×3212k×36 18M位同步突发静态存储器 Quad 2-input Exclusive-OR gates 14-PDIP 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 25-Bit Configurable Registered Buffer with SSTL_18 Inputs and Outputs 96-LFBGA 0 to 70 100万1812k × 32的,12k × 36 35.7同步突发静态存储器 20-Bit SSTL_3 Interface Universal Bus Driver With 3-State Outputs 64-TSSOP 0 to 70 Quad 2-input Exclusive-OR gates 14-SOIC 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70
|
http:// GSI Technology Electronic Theatre Controls, Inc.
|
74VHC541 74VHC541MTC 74VHC541N 74VHC541SJ 74VHC541 |
Octal Buffer/Line Driver with 3-STATE Outputs 8-Bit Non-Inverting Buffer/Driver 8位非反向缓冲驱动
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74FR16541 74FR16541SSC 74FR16541QC |
16-Bit Buffer/Line Driver with 3-STATE Outputs From old datasheet system 16-Bit Buffer/Line Driver with 3-STATE Outputs FR/FASTR SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PQCC44
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74ABT162827A 74ABT162827ADGG 74ABT162827ADL BT1628 |
20-bit buffer/line driver/ non-inverting/with 30ohm termination resistors (3-State) PV 32C 32#20 SKT PLUG 20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State) ABT SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|